Part Number Hot Search : 
SMCJ48 N411043 MP1591DN MA152WA MP144350 3362R504 DS3142 SRA2210S
Product Description
Full Text Search
 

To Download CSS-1116G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-ND-0712 A
PRODUCT SPECIFICATION
Model No CSS-1116G/CSS-1117G
Descriptions:
1.0 Inch Single Digit Alphanumeric Display Emitting Color Yellow Green
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-8623888 Fax:86-0575-8623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116G/1117G
Spec. No. Rev.
PS-ND-0712 A
Features 1. 1.00 inch (25.4 mm) digit height. 2. Case mold type. 3. RoHs compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material GaP Emitted Color Yellow Green
Part No. CSS-1116G CSS-1117G
Description Common Anode Common Cathode
Package Dimensions -
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116G/1117G
Spec. No. Rev.
PS-ND-0712 A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 )
Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice (duty cycle 1/10, 1kHz) Derating Linear From 25 Per Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature
Symbol Pd IAF IPF VR Topr Tstg
Rating 70 25 90 0.33 5 -25 ~ +85 -25 ~ +85
Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116G/1117G
Spec. No. Rev.
PS-ND-0712 A
Electro-optical Characteristics (Ta=25 )
Parameter Forward Voltage Two Dice (One Dice) Luminous Intensity Per Segment Peak Emission Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
Symbol VF Iv
q
Min. -
Typ.
Max.
Unit V mcd nm nm A -
Condition IF=20mA IF=10mA IF=20mA IF=20mA VR=10V IF=20mA
4.2(2.1) 5.6(2.8) 8 570 30 100 2 1
JS
-
IV-m
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116G/1117G
Spec. No. Rev.
PS-ND-0712 A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116G/1117G
Spec. No. Rev.
0 A
Package Dimensions
CARTON SIZE: L540xW485xH305mm
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw
Page
5/5


▲Up To Search▲   

 
Price & Availability of CSS-1116G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X